Part Number Hot Search : 
1N5261B DAN202U XN09D58 60DNT YAAMUA B6570108 INTER 157HGP
Product Description
Full Text Search
 

To Download SML400HB06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  collector-emitter voltage vce 600 v dc collector current tc=70c, tvj=175c tc=25c,tvj=175c i c , nom ic 400 500 a repetitive peak collector cur- rent tp=1msec,tc=80c i crm 800 a total powerdissipation tc=25c p tot 850 w gate-emitter peak voltage v ges +/-20 v dc forward diode current i f 400 a repetitive peak forward current tp=1msec i frm 800 a i 2 t value per diode vr=0v, tp=10msec, tvj=125c tvj=150c i 2 t 11000 10500 a 2 sec isolation test voltage rms, 50hz, t=1min v isol 2500 v attributes: -aerospace build standard -high reliability -lightweight -metal matrix base plate -aln isolation maximum rated values/ electrical properties SML400HB06 collector-emitter saturation voltage ic=400a,vge=15v, tc=25c ic=400a,vge=15v,tc=125c ic=400a,vge=15v,tc=150c v ce(sat) 1.55 1.6 1.7 1.9 v gate threshold voltage ic=6.4ma,vce=vge, tvj=25c vge (th) 4.9 5.8 6.5 v input capacitance f=1mhz,tvj=25c,vce=25v, vge=0v c ies 26 nf reverse transfer capacitance f=1mhz,tvj=25c,vce=25v, vge=0v c res 0.76 nf collector emitter cut off current vce=600v,vge=0v,tvj=25c vce=600v,vge=0v,tvj=125c i ces 1 1 5 ma ma gate emitter cut off current vce=0v,vge=20v,tvj=25c i ges 400 na
turn on delay time ic=400a, vcc=300v vge=+/15v,rg=1.5 ? ,tvj=25c vge=+/-15v,rg=1.5 ? ,tvj=125c vge=+/-15v,rg=1.5 ? ,tvj=150c t d,on 110 120 130 nsec nsec nsec rise time ic=400a, vcc=300v vge=+/-15v,rg=1.5 ? ,tvj=25c vge=+/-15v,rg=1.5 ? ,tvj=125c vge=+/-15v,rg=1.5 ? ,tvj=150c tr 50 60 60 nsec nsec nsec turn off delay time ic=400a, vcc=300v vge=+/-15v,rg=1.5 ? ,tvj=25c vge=+/-15v,rg=1.5 ? ,tvj=125c vge=+/-15v,rg=1.5 ? ,tvj=150c t d , off 490 520 530 nsec nsec nsec fall time ic=400a, vcc=300v vge=+/-15v,rg=1.5 ? ,tvj=25c vge=+/-15v,rg=1.5 ? ,tvj=125c vge=+/-15v,rg=1.5 ? ,tvj=150c t f 50 70 70 nsec nsec nsec turn energy loss per pulse ic=400a,vce=300v,vge=15v rge=1.5 ? ,l=30nh tvj=125c tvj=150c e on 3.2 3.4 mj mj turn off energy loss per pulse ic=400a,vce=300v,vge=15v rge=1.5 ? ,l=30nh tvj=125c tvj=150c e off 15 15.5 mj mj sc data tp 10sec, vge 15v vcc=360v, tvj=25c vce (max)= vces-l di/dt tvj=150c i sc 2800 2000 a a stray module inductance l ce 40 nh terminal-chip resistance r c 1.2 m ? forward voltage ic=400a,vge=0v, tc=25c ic=400a,vge=0v, tc=125c ic=400a,vge=0v, tc=150c v f 1.55 1.5 1.4 1.9 v v v peak reverse recovery current if=400a, -di/dt=7000a/sec vce=300v,vge=-10v,tvj=25c vce=300v,vge=-10v,tvj=125c vce=300v,vge=-10v,tvj=150c i rm 270 330 350 a a a recovered charge if=400a, -di/dt=7000a/sec vce=600v,vge=-10v,tvj=25c vce=600v,vge=-10v,tvj=125c vce=600v,vge=-10v,tvj=150c qr 15 29 32 c c c reverse recovery energy if=400a, -di/dt=7000a/sec vce=600v,vge=-10v,tvj=25c vce=600v,vge=-10v,tvj=125c vce=600v,vge=-10v,tvj=150c e rec 3.6 7.4 8.3 mj mj mj diode characteristics
thermal resistance junction to case igbt diode r j-c 0.09 0.1 k/w thermal resistance case to heatsink r c-hs 0.03 k/w maximum junction temperature tvj 175 c maximum operating temperature top -55 175 c storage temperature tstg -55 175 c thermal properties min typ max



circuit diagram


▲Up To Search▲   

 
Price & Availability of SML400HB06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X